Part Number Hot Search : 
LB1695M BD25B DCJ010 NH1302A T121020 KSB1366 LB1665 PTB200
Product Description
Full Text Search
 

To Download DDA114EH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH
DDA (xxxx) H
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDC) Built-In Biasing Resistors Lead-Free Device
A
Dim A
SOT-563 Min 0.15 1.10 1.55 0.90 1.50 0.56 0.15 0.10 Max 0.30 1.25 1.70 0.50 1.10 1.70 0.60 0.25 0.18 1.00 1.60 0.60 0.20 0.11 Typ 0.25 1.20 1.60
PXXYM
D G
BC
B C D G H K L M
Mechanical Data
* * * * * * Case: SOT-563, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Finish - Matte Tin Solderable per MIL-STD-202, Method 208 (Note 2) Terminal Connections: See Diagram Weight: 0.005 grams (approx.)
K H
M
L
All Dimensions in mm
SEE NOTE 1
P/N DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH
R1 22KW 47KW 4.7KW 10KW 2.2KW 10KW 4.7KW 10KW
R2 22KW 47KW 4.7KW 47KW 47KW 10KW -
MARKING P17 P20 P08 P14 P06 P13 P07 P12
R1 R 2 R2 R1 R1 R1
R1, R2
R1 Only
SCHEMATIC DIAGRAM, TOP VIEW
Maximum Ratings
Supply Voltage Input Voltage
@ TA = 25C unless otherwise specified Symbol VCC DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA143TH DDA114TH All Value 50 +10 to -40 +10 to -40 +10 to -30 +6 to -40 +5 to -12 +10 to -40 +5 Vmax +5 Vmax -30 -30 -100 -70 -100 -50 -100 -100 -100 150 833 -55 to +150 Unit V
Characteristic
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 3) Operating and Storage and Temperature Range Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180 rotated, or mixed (both ways). 2. If lead-bearing terminal plating is required, please contact your Diodes Inc. sales representative for availability and minimum order details. 3. Mounted on FR4 Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30420 Rev. 1 - 2
1 of 4 www.diodes.com
DDA (xxxx) H
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Min -50 -50 -5 3/4 3/4 3/4 100 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 250 Min -0.5 -0.5 -0.5 -0.3 -0.5 -0.5 Max 3/4 3/4 3/4 -0.5 -0.5 -0.3 600 3/4 Typ -1.1 -1.1 -1.1 ---1.1 -1.9 -1.9 -1.9 ---1.9 Unit V V V mA mA V 3/4 MHz Max Unit Test Condition IC = -50mA IC = -1mA IE = -50mA VCB = -50V VEB = -4V IC/IB = -2.5mA / -0.25mA IC/IB = -1mA / -0.1mA DDA143TH DDA114TH
NEW PRODUCT
Characteristic (DDA143TH & DDA114TH only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Gain-Bandwidth Product* Characteristic DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH DDA124EH DDA144EH DDA143EH DDA114YH DDA123JH DDA114EH
IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz Test Condition
Symbol
Vl(off)
3/4 V
VCC = -5V, IO = -100mA
Input Voltage
Vl(on)
3/4
-3.0 -3.0 -3.0 -1.4 -1.1 -3.0
VO = -0.3V, IO = -5mA VO = -0.3V, IO = -2mA VO = -0.3V, IO = -20mA VO = -0.3V, IO = -1mA VO = -0.3V, IO = -5mA VO = -0.3V, IO = -10mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA / -0.5mA
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
Il
3/4
3/4
-0.36 -0.18 -1.8 -0.88 -3.6 -0.88 -0.5
mA
VI = -5V
Output Current
IO(off)
3/4 56 68 20 68 80 30 3/4
3/4
mA
VCC = -50V, VI = -0V VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VCE = -10V, IE = -5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Gain-Bandwidth Product* * Transistor - For Reference Only
fT
250
3/4
MHz
DS30420 Rev. 1 - 2
2 of 4 www.diodes.com
DDA (xxxx) H
Ordering Information (Note 4)
NEW PRODUCT
Device DDA124EH-7 DDA144EH-7 DDA143EH-7 DDA114YH-7 DDA123JH-7 DDA114EH-7 DDA143TH-7 DDA114TH-7 Notes:
Packaging SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563 SOT-563
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PXXYM
Date Code Key Year Code Month Code Jan 1 Feb 2 2003 P March 3
PXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: P = 2003 M = Month ex: 9 = September
2004 R Apr 4 May 5
2005 S Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30420 Rev. 1 - 2
3 of 4 www.diodes.com
DDA (xxxx) H
TYPICAL CURVES - DDA143EH
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 Pd, POWER DISSIPATION (mW)
1
IC/IB = 10
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
12
VCE = 10
hFE, DC CURRENT GAIN (NORMALIZED)
IE = 0mA
75C
COB, CAPACITANCE (pF)
10 8 6 4 2 0
100
25C
-25C
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100 IC, COLLECTOR CURRENT (mA)
75C VO = 5V 25C
VO = 0.2
-25C
Vin, INPUT VOLTAGE (V)
10
-25C
75C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30420 Rev. 1 - 2
4 of 4 www.diodes.com
DDA (xxxx) H


▲Up To Search▲   

 
Price & Availability of DDA114EH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X